Part Number Hot Search : 
LTC1098I DUY07A FST16 DSI30 DSI30 WTS701MM DF005 FST16
Product Description
Full Text Search
 

To Download SS310A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ss32a ...... SS310A ?? ? 20 ---100 v 3.0 a siyu r ?? ta = 25 maximum ratings & thermal characteristics ratings at 25 ambient temperature unless otherwise specified. surface mount schottky barrier rectifier reverse voltage 20 to 100 v forward current 3.0 a ss32a 3.0 80 55 20 14 0.50 0.85 15 v v a v a ma /w pf unit v v r(rms) ? ?? ?? -55 --- +150 v rrm i fm ? if = 3.0a v f ?? 8.3ms??? i fsm ? ir r ja tj ? vr = 4.0v f = 1.0mhz cj maximum repetitive peak reverse voltage maximum rms voltage ??? maximum dc blocking voltage maximum average forward rectified current maximum forward voltage peak forward surge current 8.3 ms single half sine-wave maximum reverse current typical thermal resistance type junction capacitance symbols v dc 20 ss34a ss36a SS310A 40 28 40 60 42 60 100 70 100 0.7 dachang electronics 0.5 10 ta = 25 ta = 100 ?? low forward voltage drop high current capability o?? high temperature soldering guaranteed: 260 /10 , 0.375" (9.5mm) ?? 260 /10 seconds, 0.375" (9.5mm) lead length, ?? 5 (2.3kg) 5 lbs. (2.3kg) tension mechanical data : terminals: plated axial leads : ?? polarity: color band denotes cathode end ? : mounting position: any features ???rohs? lead and body according with rohs standard sma .114(2.90) .098(2.50) .062(1.60) .055(1.20) .181(4.60) .157(4.00) .012(0.305) .006(0.152) .208(5.28) .118(4.80) .060(1.52) .030(0.76) unit inch mm .096(2.44) .078(2.00) .008(0.203) .002(0.051) -55 --- +150 t stg -55 --- +125 operating junction ? storage temperature range www.datasheet.co.kr datasheet pdf - http://www..net/
siyu r i f (a) ?? ? ta( c ) ? ?? i fsm (a) ? i f(av) (a) ??? typical forward characteristic forward current derating curve i f instantaneous forward current (a) v f instantaneous forward voltage (v) tl, lead temperature (c) i f(a) average forward rectified current (a) maximum non repetitive peak forward surge current number of cycles at 60 hz. i fsm peak forward surge current (a) 0.01 0 255075100125150175 3.6 3.0 2.4 1.8 1.2 0.6 0 1 2 4 6 10 20 40 100 80 60 40 20 0 100 ss32a ...... SS310A characteristic curves ? v f (v) 0.1 1 10 50 0 0.6 1.2 1.6 1.0 0.2 0.8 1.4 0.4 ss32a-ss34a s s 3 6 a s s 3 1 0 a dachang electronics ss32a ss34a ss36a SS310A www.datasheet.co.kr datasheet pdf - http://www..net/


▲Up To Search▲   

 
Price & Availability of SS310A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X